PART |
Description |
Maker |
DN6849TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
K6R4016C1D K6R4016C1D-JC K6R4016V1D-JC K6R4004C1D |
1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges 1Mx4位高速静态RAM3.3V的)。在商用和工业温度范围运 1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges 1Mx4位高速静态RAM.3V的)。在商用和工业温度范围运 861 SOLID STATE RELAYS RoHS Compliant: Yes
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
FOD8523SD |
4-Pin High Operating Temperature Photodarlington Optocoupler
|
Fairchild Semiconductor
|
BR2450A BR2330A |
High Operating Temperature Poly-carbonmonofluoride Lithium Coin Batteries
|
Panasonic Battery Group
|
OCVCXO-188A |
Compact OCVCXO (25×25×13.5mm) High stability Wide Operating Temperature Range
|
Kyocera Kinseki Corpotation
|
K6R1008C1B- K6R1008C1B-C10 K6R1008C1B-C12 K6R1008C |
128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速静电RAM5V工作,旋转频出。在经营商业和工业温度范围 128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速静态RAM5V工作,旋转频出。在经营商业和工业温度范围 128Kx8 Bit High Speed Static RAM5V Operating/ Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
DN6848TE DN6848SE DN6848S DN6848 |
Hall IC(Operating Temperature Range Topr = - 40 to -100°C, Operating in Alternative Magnetic Field) Hall IC(Operating Temperature Range Topr = - 40 to -100C Operating in Alternative Magnetic Field) Hall IC(Operating Temperature Range Topr = - 40 to -100∑C, Operating in Alternative Magnetic Field)
|
http:// PANASONIC[Panasonic Semiconductor]
|
P1402CL |
(ns): 41.7 (@24MHz); Operating Frequency / Supply Voltage: 24MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -20 to 85, -40
|
Littelfuse, Inc.
|
K6R4016V1 K6R4016V1D K64004C1D |
1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD.
|
K6R4008V1C-C K6R4008V1C-C10 K6R4008V1C-C12 K6R4008 |
512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
|
Samsung semiconductor
|
KM641003A KM641003A-15 KM641003A-12 KM641003A-20 |
256KX4 HIGH SPEED STATIC RAM(5V OPERATING), REVOLUTIONARY PIN OUT OPERATED AT COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|